PART |
Description |
Maker |
SDA5000 SDA5000HF SDA12500 SDA15000 SDA8000 SDA100 |
STANDARD RECOVERY HIGH VOLTAGE RECTIFIER 0.5 A, 10000 V, SILICON, SIGNAL DIODE 0.5 A, 12500 V, SILICON, SIGNAL DIODE 0.5 A, 22000 V, SILICON, SIGNAL DIODE 0.5 A, 19000 V, SILICON, SIGNAL DIODE
|
Solid States Devices, Inc SOLID STATE DEVICES INC
|
2SK1228TMG MA3027-LH MA3027TSK MA3150-LTMG MA3360- |
100 mA, 50 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 2.7 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 0.1 A, SILICON, SIGNAL DIODE SILICON, PIN DIODE UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR 0.035 A, 2 ELEMENT, SILICON, SIGNAL DIODE
|
PANASONIC CORP
|
SR02150 SR0220 SR02100-HF-T SR02200-HF-F SR0220-HF |
LOW Vf SCHOTTKY BARRIER RECTIFIER 0.2 A, 100 V, SILICON, SIGNAL DIODE, DO-41 0.2 A, 200 V, SILICON, SIGNAL DIODE, DO-41 0.2 A, 20 V, SILICON, SIGNAL DIODE, DO-41 0.2 A, 150 V, SILICON, SIGNAL DIODE, DO-41
|
Rectron Semiconductor RECTRON LTD
|
CPR1-120LEADFREE CPR1-080LEADFREE CPR1-100LEADFREE |
1 A, 1200 V, SILICON, SIGNAL DIODE GPR-1A, 2 PIN 1 A, 800 V, SILICON, SIGNAL DIODE GPR-1A, 2 PIN 1 A, 1000 V, SILICON, SIGNAL DIODE GPR-1A, 2 PIN 1 A, 100 V, SILICON, SIGNAL DIODE GPR-1A, 2 PIN 1 A, 600 V, SILICON, SIGNAL DIODE GPR-1A, 2 PIN 1 A, 400 V, SILICON, SIGNAL DIODE GPR-1A, 2 PIN 1 A, 200 V, SILICON, SIGNAL DIODE GPR-1A, 2 PIN
|
Central Semiconductor, Corp.
|
LPCIE-7230 |
32-CH Isolated DIO Cards
|
List of Unclassifed Manufacturers
|
1S922 1S923 1S923TR 1S922TR |
Small Signal Diode 0.2 A, 200 V, SILICON, SIGNAL DIODE, DO-35 Small Signal Diode 0.2 A, 150 V, SILICON, SIGNAL DIODE, DO-35 High Conductance Fast Diode
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
D83C D13-1C D13-3C D13-2C D14-2C D14-1C D14-3C D10 |
Single-In-Line DIODE NETWORKS D SERIES 0.1 A, 5 ELEMENT, SILICON, SIGNAL DIODE 0.1 A, 7 ELEMENT, SILICON, SIGNAL DIODE 0.1 A, 13 ELEMENT, SILICON, SIGNAL DIODE 0.1 A, 3 ELEMENT, SILICON, SIGNAL DIODE
|
BI TECHNOLOGIES CORP
|
VF12 VF5 VF20 |
0.1 A, 12000 V, SILICON, SIGNAL DIODE 0.13 A, 5000 V, SILICON, SIGNAL DIODE 0.09 A, 20000 V, SILICON, SIGNAL DIODE
|
MICROSEMI CORP
|
J4248 SV4247US SV4248US SV4249US |
1 A, 800 V, SILICON, SIGNAL DIODE 1 A, 600 V, SILICON, SIGNAL DIODE 1 A, 1000 V, SILICON, SIGNAL DIODE
|
SENSITRON SEMICONDUCTOR
|
PRS07 PRS07J PRS07D PRS07G PRS07G115 PRS07J115 PRS |
0.6 A, 200 V, SILICON, SIGNAL DIODE 0.6 A, 600 V, SILICON, SIGNAL DIODE HERMETIC SEALED, GLASS PACKAGE-2 0.6 A, 400 V, SILICON, SIGNAL DIODE HERMETIC SEALED, GLASS PACKAGE-2 Fast soft-recovery rectifiers
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BAS16 |
Surface Mount Silicon Planar Small-Signal Diode 0.2 A, 85 V, SILICON, SIGNAL DIODE, TO-236
|
Diotec Semiconductor AG
|
|